Part Number Hot Search : 
M2054 FR304PT SG7915AR SUR490J ED302YT SL431X M168RT CY3093
Product Description
Full Text Search
 

To Download 1N5395G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n5391g thru 1n5399g glass p assi va ted silicon rectifier reverse v oltage - 50 to 1000 v olts forward current - 1.5amperes case : jedec do-15 molded plastic body t erminals : plated axial leads, solderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any w eight :0.014 ounce, 0.40 grams the plastic package carries underwriters laboratory flammability classification 94 v -0 construction utilizes void-free molded plastic technique low reverse leakage high forward surge current capability high temperature soldering guaranteed: 250 c/10 seconds,0.375 (9.5mm) lead length, 5 lbs. (2.3kg) tension fe a tures mechanica l d at a maximum r a tings and electrica l characteristics do-15 0.140 (3.6) 0.104(2.6) dia. 0.034 (0.86) 0.028 (0.70) dia. 0.300(7.6) 0.230(5.8) dimensions in inches and (millimeters) 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 1n 5392g vo l ts vo l ts vo l ts symbols units amps amps v olts v rrm v rms v dc i ( a v) i fsm v f 1.5 50.0 1.4 operating junction and storage temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 0.375 (9.5mm) lead length at t a =75 c peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.5a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c t ypical junction capacitance (note 1) note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 2.thermal resistance from junction to ambient at 0.375 (9.5mm)lead length, p .c.b. mounted 1.0 (25.4) min. 1.0 (25.4) min. i r 5.0 50.0 r ja c j t j , t stg 50.0 20.0 -65 to +175 pf c a t ypical thermal resistance (note 2) c/w 1n 5391g 1n 5393g 1n 5395g 1n 5398g 1n 5397g 1n 5399g 1n 5394g 300 210 300 1n 5396g 500 350 500 ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. www.shunyegroup.com.cn
r a tings and characteristic cu r ves 1n5391g thru 1n5399g 1.5 1.2 0.9 0.6 0.3 0 0 25 50 75 100 125 150 175 50 40 30 20 10 0 0.6 0.8 1.0 1.2 1.4 1.5 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse vo lt age,vo l ts t,pulse dur a tion,sec. fig. 5-typica l junction ca p aci t ance fig. 6-typica l transient therma l impedanc e fig. 3-typica l ins t an t aneous fo r w ard characteristics number of cycles a t 60 hz fig. 2-maximum non-repetitive peak fo r w ard surge current fig. 1- fo r w ard current der a ting cu r ve , t n e r r u c d e i f i t c e r d r a w r o f e g a r e v a s e r e p m a d r a w r o f s u o e n a t n a t s n i s e r e p m a , t n e r r u c f p , e c n a t i c a p a c n o i t c n u j , t n e r r u c e g r u s d r a w r o f k a e p s e r e p m a ins t an t aneous fo r w ard vo lt age, vo l ts single phase half w ave 60hz resistive or inductive load 1 10 100 8.3ms single half sine- w a ve (jedec method) 0.0 1 0. 1 1 2 0 1 0 t j =25 c pulse width=300 s 1%dut y cycle t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c tj=150 c percent of peak reverse vo lt age,% fig. 4-typica l reverse characteristics , t n e r r u c e s r e v e r s u o e n a t n a t s n i s e r e p m a o r c i m , e c n a d e p m i l a m r e h t t n e i s n a r t w / c ambient temper a ture, c www.shunyegroup.com.cn


▲Up To Search▲   

 
Price & Availability of 1N5395G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X